Part Number Hot Search : 
F130410 TFMAJ16 H6842 TSE02B 1N3039C 1620C 551LW7C LR120
Product Description
Full Text Search
 

To Download 186PC05DT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  interactive catalog replaces catalog pages sensing and control honeywell inc. 11 west spring street freeport, illinois 61032 honeywell sensing and control has replaced the pdf product catalog with the new interactive catalog . the interactive catalog is a power search tool that makes it easier to find product information. it includes more installation, application, and technical information than ever before. click this icon to try the new interactive catalog.
pressure sensors 180pc series miniature absolute, differential, gage/amplified honeywell 1 micro switch sensing and control 1 1-800-537-6945 usa 1f 1-815-235-6847 international 1 1-800-737-3360 canada 45 terminal mount housing mount features 1 miniature plastic package 1 terminal and housing mount styles 1 pcb termination 1 fully signal conditioned 180pc series performance characteristics at 8.0 0.01 vdc excitation, 25 c min. typ. max. units excitation 7.00 8.00 16 vdc supply current --- --- 6 ma current sourcing output --- --- 10 ma null offset (184/185pc) 0.95 1.00 1.05 v null offset (186pc) 3.45 3.50 3.55 v null offset 185pc15at @ 2 psia 1.62 1.67 1.72 v 185pc30at @ 2 psia 1.28 1.33 1.38 v output at full pressure (184/185pc, g,d) 5.90 6.00 6.15 v output at full pressure (185pc, a only) 5.85 6.00 6.15 v output at full pressure (186pc) 5.90 6.00 6.10 v span (184/185pc, g,d) 4.95 5.00 5.05 v span (185pc, a only) 4.90 5.00 5.10 v span (186pc) --- 5.00 --- v span (185pc15at) 4.28 4.33 4.38 v span (185pc30at) 4.62 4.67 4.72 v ratiometricity error 7 to 8v or 8 to 9v --- 0.50 --- % span 9 to 12v --- 2.00 --- % span temperature error (combined null and span) - 2% 0 + 2% % span stability over one year --- 0.50 --- % span response time --- --- 1.00 msec weight --- 12 --- grams short circuit protection output may be shorted indefinately to ground output ripple none, dc device ground reference supply and output are common environmental specifications operating temperature - 40 to + 85 c ( - 40 to + 185 f) storage temperature - 55 to + 125 c ( - 67 to + 257 f) compensated temperature 0 to + 50 c (32 to + 122 f) shock mil-std-202, method 213 (50 g, half sine, 6 msec) vibration mil-std-202, method 204 (10 to 2000 hz at 10 g) media p2 port wetted materials; polyester housing, epoxy adhesive, silicon, borosilicate glass, and silicon-to- glass bond * p2 port absolute only: factory sealed vacuum reference, no connection p1 port dry gases only * liquid media containing some highly ionic solutions could potentially neutralize the chip-to-glass tube bond. amplified
pressure sensors 180pc series miniature absolute, differential, gage/amplified 46 honeywell 1 micro switch sensing and control 1 1-800-537-6945 usa 1f 1-815-235-6847 international 1 1-800-737-3360 canada 184pc series order guide, vacuum gage type linearity, % span catalog listing pressure range psi overpressure psi max. p2 > p1 max. p2 < p1 max. 184pc05gt 0- - 5 20 --- 1.00 184pc15gt 0- - 15 45 --- 1.00 185pc series order guide, differential type, p2 > p1 linearity, % span catalog listing pressure range psi overpressure psi max. p2 > p1 max. p2 < p1 max. 185pc05dt 0-5 20 2.00 1.00 185pc15dt 0-15 45 2.00 1.00 185pc30dt 0-30 60 1.50 0.75 186pc series order guide, bi-directional type, p2-p1 linearity, % span catalog listing pressure range psi overpressure psi max. p2 > p1 max. p2 < p1 max. 186pc03dt 2.5 20 2.00 1.00 186PC05DT 5.0 20 2.00 1.00 186pc15dt 15 45 2.00 1.00 185pc series order guide, absolute type linearity, % span catalog listing pressure range psi overpressure psi max. p2 > p1 max. p2 < p1 max. 185pc15at 0-15 45 --- 1.00 185pc30at 0-30 60 --- 0.75 how to order catalog listings in the order guide are shown with mounting version t (terminal mount). h (housing mount) also available. contact 800 number.
pressure sensors 180pc series miniature absolute, differential, gage/amplified honeywell 1 micro switch sensing and control 1 1-800-537-6945 usa 1f 1-815-235-6847 international 1 1-800-737-3360 canada 47 electrical connections voltage excitation notes 1. terminals are labeled on the sensor. 2. input and output share a common ground. 3. r l must be greater than or equal to 3000 ohms. ideal output at vs j 8.00 0.01 vdc differential example: 185pc15dt when p in j p2-p1 vacuum gage example: 184pc05gt where p2 j p in p1 j ambient bi-directional example: 186pc05dh where p in j p2-p1 absolute example: 185pc15ap where p1 j p in p2 j factory sealed vacuum amplified
pressure sensors 180pc series miniature absolute, differential, gage sensored/amplified 48 honeywell 1 micro switch sensing and control 1 1-800-537-6945 usa 1f 1-815-235-6847 international 1 1-800-737-3360 canada mounting dimensions 0.0 j mm 0.00 j in. terminal mount (differential ``d'' or absolute ``a'' housing) (gage ``g'' housing) housing mount


▲Up To Search▲   

 
Price & Availability of 186PC05DT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X